Part Number Hot Search : 
61010 ATS04 102M2 07201 BT136 2490S 1431A MT390
Product Description
Full Text Search
 

To Download TK4A55D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TK4A55D 2010-08-27 1 toshiba field effect transistor silicon n channel mos type ( -mos ) TK4A55D switching regulator applications ? low drain-source on resistance: r ds (on) = 1.5 ? (typ.) ? high forward transfer admittance: ? y fs ? = 2.0 s (typ.) ? low leakage current : i dss = 10 a (max) (v ds = 550 v) ? enhancement-mode : v th = 2.4 to 4.4 v (v ds = 10 v, i d = 1 ma) absolute maximum ratings (ta = 25c) characteristics symbol rating unit drain-source voltage v dss 550 v gate-source voltage v gss 30 v dc (note 1) i d 4 drain current pulse (note 1) i dp 16 a drain power dissipation (tc = 25c) p d 35 w single pulse avalanche energy (note 2) e as 137 mj avalanche current i ar 4 a repetitive avalanche energy (note 3) e ar 3.5 mj channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: using continuously under heavy loads (e.g. the a pplication of high temperature/current/voltage and the significant change in temperature, et c.) may cause this product to decreas e in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods??) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). thermal characteristics characteristics symbol max unit thermal resistance, channel to case r th (ch-c) 3.57 c/w thermal resistance, channel to ambient r th (ch-a) 62.5 c/w note 1: please use devices on conditions that the channel temperature is below 150c. note 2: v dd = 90 v, t ch = 25c (initial), l = 14.8 mh, r g = 25 , i ar = 4 a note 3: repetitive rating: pulse width limited by maximum channel temperature this transistor is an electrostatic sensit ive device. please handle with caution. unit: mm 3.2 0.2 10 0.3 2.7 0.2 a 1.14 0.15 0.69 0.15 2.54 3.0 3.9 15.0 0.3 13 0.5 2.8 max. 2.54 4.5 0.2 1 2 3 0.64 0.15 2.6 0.1 m 0.2 a jedec ? jeita sc-67 toshiba 2-10u1b weight : 1.7 g (typ.) 1: gate 2: drain 3: source 1 3 2 internal connection
TK4A55D 2010-08-27 2 electrical characteristics (ta = 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs = 30 v, v ds = 0 v ? ? 1 a drain cut-off current i dss v ds = 550 v, v gs = 0 v ? ? 10 a drain-source breakdown voltage v (br)dss i d = 10 ma, v gs = 0 v 550 ? ? v gate threshold voltage v th v ds = 10 v, i d = 1 ma 2.4 ? 4.4 v drain-source on resistance r ds (on) v gs = 10 v, i d = 2 a ? 1.5 1.88 forward transfer admittance |y fs | v ds = 10 v, i d = 2 a 0.5 2.0 ? s input capacitance c iss ? 490 ? reverse transfer capacitance c rss ? 3 ? output capacitance c oss v ds = 25 v, v gs = 0 v, f = 1 mhz ? 55 ? pf rise time t r ? 18 ? turn-on time t on ? 40 ? fall time t f ? 8 ? switching time turn-off time t off duty 1%, t w = 10 s ? 55 ? ns total gate charge q g ? 11 ? gate-source charge q gs ? 6 ? gate-drain charge q gd v dd 400 v, v gs = 10 v, i d = 4 a ? 5 ? nc source-drain ratings and characteristics (ta = 25c) characteristics symbol test condition min typ. max unit continuous drain reverse current (note 1) i dr ? ? ? 4 a pulse drain reverse current (note 1) i drp ? ? ? 16 a forward voltage (diode) v dsf i dr = 4 a, v gs = 0 v ? ? ?1.7 v reverse recovery time t rr ? 900 ? ns reverse recovery charge q rr i dr = 4 a, v gs = 0 v, di dr /dt = 100 a/ s ? 5 ? c marking lot no. k4a55d part no. (or abbreviation code) note 4 note 4 : a line under a lot no. identifies the indication of product labels [[g]]/rohs compatible or [[g]]/rohs [[pb]] please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of product. the rohs is directive 2002/95/e c of the european parliament and of the council of 27 january 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. r l = 100 0 v 10 v v gs v dd 200 v i d = 2 a v out 50
TK4A55D 2010-08-27 3 0.1 0.1 1 10 1 10 v gs = 10 v 0.1 10 0.1 1 25 100 tc = ? 55 c 10 1 0 8 12 16 20 0 i d = 4 a 4 8 12 16 1 2 4 0 0 2 4 6 8 8 tc = ? 55 c 25 100 2 4 6 8 6 4 0 0 20 40 50 v gs = 6 v 7.5 10 8 30 10 7 6.5 2 4 3 2 1 0 0 2 4 6 8 10 v gs = 5.6 v 6 6.3 6.5 7 8 10 r ds (on) ? i d v ds ? v gs i d ? v ds ? y fs ? ? i d i d ? v ds forward transfer admittance ? y fs ? (s) drain current i d (a) drain current i d (a) drain-source voltage v ds (v) drain-source voltage v ds (v) gate-source voltage v gs (v) gate-source voltage v gs (v) drain current i d (a) drain current i d (a) i d ? v gs common source tc = 25c pulse test common source tc = 25c pulse test common source v ds = 10 v pulse test common source tc = 25c pulse test common source v ds = 10 v pulse test common source tc = 25c pulse test drain current i d (a) drain-source on resistance r ds (on) ( ) drain-source voltage v ds (v) 6.8 7.8 20 10
TK4A55D 2010-08-27 4 0 4 8 v dd = 100 v v ds v gs 400 200 12 16 500 400 300 200 100 0 20 16 12 8 4 0 20 0 1 2 3 5 ? 80 ? 40 0 40 80 120 160 4 1 0.1 10 100 1000 10000 1 10 100 c iss c oss c rss 160 ? 40 0 40 80 120 ? 80 5 3 2 1 0 i d = 1 a 2 4 4 r ds (on) ? tc v th ? tc i dr ? v ds p d ? tc capacitance c (pf) drain power dissipation p d (w) drain-source on resistance r ds (on) ( ) drain reverse current i dr (a) gate threshold voltage v th (v) drain-source voltage v ds (v) drain-source voltage v ds (v) case temperature tc (c) drain-source voltage v ds (v) case temperature tc (c) case temperature tc (c) total gate charge q g (nc) gate-source voltage v gs (v) common source v gs = 10 v pulse test common source v gs = 0 v f = 1 mhz tc = 25c common source v ds = 10 v i d = 1 ma pulse test common source i d = 4 a tc = 25c pulse test capacitance ? v ds dynamic input / output characteristics 50 0 0 40 80 120 160 20 30 40 10 0 0.1 -0.3 1 100 -0.6 -0.9 v gs = 0 v 10 3 1 5 -1.2 -1.5 10 common source tc = 25c pulse test
TK4A55D 2010-08-27 5 0.001 1 0.01 1 10 100 100 1000 100 s * 1 ms * v dss max 0.1 10 0.01 10 0.1 1 10 100 1m 10m 100m 1 10 duty=0.5 0.2 0.1 single pulse 0.05 0.02 0.01 0.001 ?15 v 15 v i ar b vdss v dd v ds r g = 25 v dd = 90 v, l = 14.8 mh ? ? ? ? ? ? ? ? ? ???= v dd b vdss b vdss 2 il 2 1 as r th ? t w t p dm t duty = t/t r th (ch-c) = 3.57c/w e as ? t ch normalized transient thermal impedance r th (t) /r th (ch-c) pulse width t w (s) safe operating area drain current i d (a) drain-source voltage v ds (v) *: single nonrepetitive pulse tc = 25c curves must be derated linearly with increase in temperature. i d max (pulsed) * i d max (continuous) dc operation tc = 25c avalanche energy e as (mj) channel temperature (initial) t ch ( c ) test circuit waveform 200 160 120 80 40 0 25 50 75 100 125 150
TK4A55D 2010-08-27 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduced without prior written permission from toshiba. even with toshiba?s written permission, reproducti on is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situat ions in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest ve rsions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and applicat ion notes for product and the precautions and condi tions set forth in the ?toshiba se miconductor reliability handbook? and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications , including but not limited to (a) determining t he appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expres sly stated in this document. product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applic able export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TK4A55D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X